Part Number Hot Search : 
ED10D5 5819SMJ PGT20306 B41605 26054 ULN2086A 1N4004S KIA6035P
Product Description
Full Text Search
 

To Download 2SK213 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK213, 2SK214, 2SK215, 2SK216
Silicon N-Channel MOS FET
Application
TO-220AB
High frequency and low frequency power amplifier, high speed switching. Complementary pair with 2SJ76, J77, J78, J79
Features
* * * * Suitable for direct mounting High forward transfer admittance Excellent frequency response Enhancement-mode
3
1 2 3
1
1. Gate 2. Source (Flange) 3. Drain 2
Table 1 Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage 2SK213 Symbol VDSX Ratings 140 Unit V
-------------------------------------------------------------------------------------- ----------
2SK214
------
160
----------
2SK215
------
180
----------
2SK216 Gate to source voltage Drain current Body to drain diode reverse drain current Channel dissipation VGSS ID IDR Pch Pch* Channel temperature Storage temperature Tch Tstg
------
200 15 500 500 1.75 30 150 -45 to +150 V mA mA W W C C
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- * Value at TC = 25 C
2SK213, 2SK214, 2SK215, 2SK216
Table 2 Electrical Characteristics (Ta = 25C)
Item Drain to source breakdown voltage 2SK213 Symbol V(BR)DSX Min 140 160 180 200 V(BR)GSS VGS(on) VDS(sat) |yfs| Ciss Crss 15 Typ -- -- -- -- -- Max -- -- -- -- -- Unit V V V V V IG = 10 A, VDS = 0 ID = 10 mA, VDS = 10 V * ID = 10 mA, VGD = 0 * ID = 10 mA, VDS = 20 V * ID = 10 mA, VDS = 10 V, f = 1 MHz Test conditions ID = 1 mA, VGS = -2 V
-------------------------------------------------------------------------------------- --------
2SK214
------------------------ ------------------------ ------------------------
--------
2SK215
--------
2SK216 Gate to source breakdown voltage Gate to source voltage Drain to source saturation voltage Forward transfer admittance Input capacitance Reverse transfer capacitance * Pulse Test
-------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
0.2 -- -- -- 1.5 2.0 V V
-------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
20 -- -- 40 90 2.2 -- -- -- mS pF pF
-------------------------------------------------------------------------------------- ---------------------------------------------------------------- --------------------------------------------------------------------------------------
2SK213, 2SK214, 2SK215, 2SK216
Power vs. Temperature Derating 60 Channel Dissipation Pch (W)
Typical Output Characteristics 500 3.5 TC = 25C 3.0 Drain Current ID (mA) 400 2.5 300 2.0 200 1.5 100 1.0 VGS = 0.5 V 12 4 8 16 20 Drain to Source Voltage VDS (V)
40
20
0
50 100 Case Temperature TC (C)
150
0
Typical Output Characteristics 50 TC = 25C 500 0.8 Drain Current ID (mA) 0.7 0.6 0.5 0.4 10 0.3 0.2
VGS = 0.1V
Typical Transfer Characteristics VDS = 20 V
Drain Current ID (mA)
30
300
20
200
100
0
60 20 40 80 100 Drain to Source Voltage VDS (V)
0
3 1 2 4 Gate Source Voltage VGS (V)
TC
=-
40
400
25 C 25 75
5
2SK213, 2SK214, 2SK215, 2SK216
Typical Transfer Characteristics 100 80 Forward Transfer Admittance yfs (mS)
TC = -25 C 25 75
Forward Transfer Admittance vs. Drain Current 200 100 50
VDS = 20 V
Drain Current ID (mA)
60
20 10 5 TC = 25C VDS = 20 V
40
20
0
1.2 0.4 0.8 1.6 Gate Source Voltage VGS (V)
2.0
2
5
20 10 50 100 200 Drain Current ID (mA)
Forward Transfer Admittance yfs (mS)
Forward Transfer Admittance vs. Frequency 500 100
10
TC = 25C VDS = 20 V ID = 10 mA
1.0
0.1 0.05 5 k 10 k
1M 10 M 100 k Frequency f (HZ)
50 M


▲Up To Search▲   

 
Price & Availability of 2SK213

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X